Part Number Hot Search : 
MRF517 NJM2235L 74VHC1 CD4093 2SK32 0100RF C1H10 2SK32
Product Description
Full Text Search
 

To Download DA56-11GWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 14.22mm (0.56INCH) DUAL DIGIT NUMERIC DISPLAY
Part Number: DA56-11GWA Green
Features
0.56 INCH DIGIT HEIGHT. LOW CURRENT OPERATION. EXCELLENT CHARACTER APPEARANCE. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. TWO DIGIT PACKAGE SIMPLIFIESALIGNMENTS & ASSEMBLY. I.C. COMPATIBLE. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Green source color devices are made with Gallium Phosphide Green Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAA5253 APPROVED: WYNEC
REV NO: V.13 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 1 OF 4 ERP: 1302000211
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. DA56-11GWA Green (GaP) WHITE DIFFUSED 1900 Typ. 10500 Common Anode, Rt. Hand Decimal. Description
Note: 1. Luminous intensity/ luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D [1] 1/2 C VF [2] IR Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance Forward Voltage Reverse Current Device Green Green Green Green Green Green Typ. 565 568 30 15 2.2 2.5 10 Max. Units nm nm nm pF V uA Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz IF=20mA VR=5V
Notes: 1.Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Absolute Maximum Ratings at TA=25C
Parameter Power dissipation DC Forward Current Peak Forward Current [1] Reverse Voltage Operating / Storage Temperature Lead Solder Temperature[2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Green 62.5 25 140 5 -40C To +85C 260C For 3-5 Seconds
Units mW mA mA V
SPEC NO: DSAA5253 APPROVED: WYNEC
REV NO: V.13 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 2 OF 4 ERP: 1302000211
Green
DA56-11GWA
SPEC NO: DSAA5253 APPROVED: WYNEC
REV NO: V.13 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 3 OF 4 ERP: 1302000211
PACKING & LABEL SPECIFICATIONS
DA56-11GWA
SPEC NO: DSAA5253 APPROVED: WYNEC
REV NO: V.13 CHECKED: Joe Lee
DATE: MAY/23/2007 DRAWN: Y.L.LI
PAGE: 4 OF 4 ERP: 1302000211


▲Up To Search▲   

 
Price & Availability of DA56-11GWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X